PART |
Description |
Maker |
APL531712BI-TRG |
Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
|
Anpec Electronics Coropration
|
CS5206-5GT3 CS5206-1 CS5206-1GDP3 CS5206-1GDPR3 CS |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 1.25 V-13 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO3 6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators 6.0A Adjustable Output 6.0A, 5V Output 6.0A, 3.3V Output
|
DB Lectro, Inc. ONSEMI[ON Semiconductor]
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
LT1107 LT1107-12 LT1107-5 LT1107C LT1107CN8 LT1107 |
From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V Micropower DC/DC Converter Adjustable and Fixed 5V, 12V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
PM565S PM570S PM570K PM501S PM501D PM538D PM595S P |
Precision Dual Supply Monitor with Pin-Selectable Thresholds; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: -40°C Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: 0°C 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: 0°C Analog IC Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
|
SPX1084U-5.0 SPX1084 SPX1084AT SPX1084AT-1.5 SPX10 |
1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(5A,低压差稳压器(可调和固定输快速响)
|
EXAR CORP TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
LT1585ACT-3.3PBF LT1585A-3.3-15 |
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Linear Technology, Corp.
|
LX8385-00CP LX8385-00IP LX8385-00CDD LX8385-00IDD |
1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.5; 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.3; 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Positive Adjustable Voltage Regulator Analog IC THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp.
|
LT1086-12CT LT1086-5CK LT1086-5MK LT1086-12CK |
FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MBFM2
|
LINEAR TECHNOLOGY CORP
|